Part Number Hot Search : 
MAX27 MBR20H V2103 LPC1766 1205E K1120DAM 25C65 550E006M
Product Description
Full Text Search
 

To Download 1N4678 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
500 mW DO-35 Glass Zener Voltage Regulator Diodes
GENERAL DATA APPLICABLE TO ALL SERIES IN THIS GROUP
1N4678 SERIES
500 mW DO-35 GLASS
GLASS ZENER DIODES 500 MILLIWATTS 1.8-200 VOLTS
500 Milliwatt Hermetically Sealed Glass Silicon Zener Diodes
Specification Features: * Complete Voltage Range -- 1.8 to 200 Volts * DO-204AH Package -- Smaller than Conventional DO-204AA Package * Double Slug Type Construction * Metallurgically Bonded Construction Mechanical Characteristics: CASE: Double slug type, hermetically sealed glass MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES: 230C, 1/16 from case for 10 seconds FINISH: All external surfaces are corrosion resistant with readily solderable leads POLARITY: Cathode indicated by color band. When operated in zener mode, cathode will be positive with respect to anode MOUNTING POSITION: Any WAFER FAB LOCATION: Phoenix, Arizona ASSEMBLY/TEST LOCATION: Seoul, Korea MAXIMUM RATINGS (Motorola Devices)*
Rating DC Power Dissipation and TL 75C Lead Length = 3/8 Derate above TL = 75C Operating and Storage Temperature Range
* Some part number series have lower JEDEC registered ratings.
CASE 299 DO-204AH GLASS
Symbol PD
Value 500 4
Unit mW mW/C C
TJ, Tstg
- 65 to +200
PD , MAXIMUM POWER DISSIPATION (WATTS)
0.7 0.6 0.5 0.4
3/8" 3/8"
HEAT SINKS
0.3 0.2 0.1 0 0 20 40 60 80 100 120 140 160 180 200
TL, LEAD TEMPERATURE (C)
Figure 1. Steady State Power Derating
Motorola TVS/Zener Device Data
500 mW DO-35 Glass Data Sheet 6-1
GENERAL DATA -- 500 mW DO-35 GLASS
Low level oxide passivated zener diodes for applications requiring extremely low operating currents, low leakage, and sharp breakdown voltage.
* Zener Voltage Specified @ IZT = 50 A * Maximum Delta VZ Given from 10 to 100 A
ELECTRICAL CHARACTERISTICS (TA = 25C, VF = 1.5 V Max at IF = 100 mA for all types)
Type Number (Note 1) 1N4678 1N4679 1N4680 1N4681 1N4682 1N4683 1N4684 1N4685 1N4686 1N4687 Zener Voltage VZ @ IZT = 50 A Volts Nom (Note 1) 1.8 2 2.2 2.4 2.7 3 3.3 3.6 3.9 4.3 Min 1.71 1.9 2.09 2.28 2.565 2.85 3.135 3.42 3.705 4.085 Max 1.89 2.1 2.31 2.52 2.835 3.15 3.465 3.78 4.095 4.515 7.5 5 4 2 1 0.8 7.5 7.5 5 4 Maximum Reverse Current IR A (Note 3) 1 1 1 1 1 1 1.5 2 2 2 Test Voltage VR Volts Maximum Zener Current IZM mA (Note 2) 120 110 100 95 90 85 80 75 70 65 Maximum Voltage Change VZ Volts (Note 4) 0.7 0.7 0.75 0.8 0.85 0.9 0.95 0.95 0.97 0.99
1N4688 1N4689 1N4690 1N4691 1N4692
1N4693 1N4694 1N4695 1N4696 1N4697 1N4698 1N4699 1N4700 1N4701 1N4702 1N4705 1N4713
4.7 5.1 5.6 6.2 6.8
7.5 8.2 8.7 9.1 10 11 12 13 14 15 18 30
4.465 4.845 5.32 5.89 6.46
7.125 7.79 8.265 8.645 9.5 10.45 11.4 12.35 13.3 14.25 17.1 28.5
4.935 5.355 5.88 6.51 7.14
7.875 8.61 9.135 9.555 10.5 11.55 12.6 13.65 14.7 15.75 18.9 31.5
10 10 10 10 10
10 1 1 1 1 0.05 0.05 0.05 0.05 0.05 0.05 0.01
3 3 4 5 5.1
5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.8 10.6 11.4 13.6 22.8
60 55 50 45 35
31.8 29 27.4 26.2 24.8 21.6 20.4 19 17.5 16.3 13.2 7.9
0.99 0.97 0.96 0.95 0.9
0.75 0.5 0.1 0.08 0.1 0.11 0.12 0.13 0.14 0.15 0.18 0.3
NOTE 1. TOLERANCE AND VOLTAGE DESIGNATION (VZ) The type numbers shown have a standard tolerance of 5% on the nominal Zener voltage, C for 2%, D for 1%. NOTE 2. MAXIMUM ZENER CURRENT RATINGS (IZM) Maximum Zener current ratings are based on maximum Zener voltage of the individual units and JEDEC 250 mW rating. NOTE 3. REVERSE LEAKAGE CURRENT (IR)
Reverse leakage currents are guaranteed and measured at VR as shown on the table. NOTE 4. MAXIMUM VOLTAGE CHANGE (VZ) Voltage change is equal to the difference between VZ at 100 A and VZ at 10 A. NOTE 5. ZENER VOLTAGE (VZ) MEASUREMENT Nominal Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature at 30C 1C and 3/8 lead length.
500 mW DO-35 Glass Data Sheet 6-2
Motorola TVS/Zener Device Data
GENERAL DATA -- 500 mW DO-35 GLASS
APPLICATION NOTE -- ZENER VOLTAGE
Since the actual voltage available from a given zener diode is temperature dependent, it is necessary to determine junction temperature under any set of operating conditions in order to calculate its value. The following procedure is recommended: Lead Temperature, TL, should be determined from: TL = LAPD + TA. LA is the lead-to-ambient thermal resistance (C/W) and PD is the power dissipation. The value for LA will vary and depends on the device mounting method. LA is generally 30 to 40C/W for the various clips and tie points in common use and for printed circuit board wiring. The temperature of the lead can also be measured using a thermocouple placed on the lead as close as possible to the tie point. The thermal mass connected to the tie point is normally large enough so that it will not significantly respond to heat surges generated in the diode as a result of pulsed operation once steady-state conditions are achieved. Using the measured value of TL, the junction temperature may be determined by: TJ = TL + TJL. TJL is the increase in junction temperature above the lead temperature and may be found from Figure 2 for dc power: TJL = JLPD. For worst-case design, using expected limits of IZ, limits of PD and the extremes of TJ(TJ) may be estimated. Changes in voltage, VZ, can then be found from: V = VZTJ. VZ, the zener voltage temperature coefficient, is found from Figures 4 and 5. Under high power-pulse operation, the zener voltage will vary with time and may also be affected significantly by the zener resistance. For best regulation, keep current excursions as low as possible. Surge limitations are given in Figure 7. They are lower than would be expected by considering only junction temperature, as current crowding effects cause temperatures to be extremely high in small spots, resulting in device degradation should the limits of Figure 7 be exceeded.
JL , JUNCTION-TO-LEAD THERMAL RESISTANCE (C/W)
500 400
L L
300 2.4-60 V 200 100 0 62-200 V
0
0.2
0.4
0.6
0.8
1
L, LEAD LENGTH TO HEAT SINK (INCH)
Figure 2. Typical Thermal Resistance
1000 7000 5000 2000 1000 700 500 200 100 70 50 20 10 7 5 2 1 0.7 0.5 0.2 0.1 0.07 0.05 0.02 0.01 0.007 0.005 0.002 0.001 3 4 5 6 7 8 9 10 11 12 13 14 15 +25C
TYPICAL LEAKAGE CURRENT AT 80% OF NOMINAL BREAKDOWN VOLTAGE
I R , LEAKAGE CURRENT ( A)
+125C
VZ, NOMINAL ZENER VOLTAGE (VOLTS)
Figure 3. Typical Leakage Current
Motorola TVS/Zener Device Data
500 mW DO-35 Glass Data Sheet 6-3
GENERAL DATA -- 500 mW DO-35 GLASS
TEMPERATURE COEFFICIENTS
(-55C to +150C temperature range; 90% of the units are in the ranges indicated.)
VZ , TEMPERATURE COEFFICIENT (mV/ C) +12 +10 +8 +6 +4 +2 RANGE 0 -2 -4 2 3 4 5 6 7 8 9 VZ, ZENER VOLTAGE (VOLTS) 10 11 12 VZ @ IZT (NOTE 2) VZ , TEMPERATURE COEFFICIENT (mV/ C) 100 70 50 30 20 10 7 5 3 2 1 10 RANGE VZ @ IZ (NOTE 2)
20
30 50 VZ, ZENER VOLTAGE (VOLTS)
70
100
Figure 4a. Range for Units to 12 Volts
Figure 4b. Range for Units 12 to 100 Volts
VZ , TEMPERATURE COEFFICIENT (mV/ C)
VZ , TEMPERATURE COEFFICIENT (mV/ C)
200 180 160
+6 +4 +2 20 mA 0 0.01 mA -2 -4 3 4 1 mA NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS NOTE: CHANGES IN ZENER CURRENT DO NOT NOTE: AFFECT TEMPERATURE COEFFICIENTS 5 6 7 8 VZ @ IZ TA = 25C
140 VZ @ IZT (NOTE 2)
120 100 120 130 140 150 160 170
180
190
200
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
Figure 4c. Range for Units 120 to 200 Volts
Figure 5. Effect of Zener Current
1000 500 0 V BIAS 200 C, CAPACITANCE (pF) 100 50 20 10 5 2 1 1 2 5 10 20 50% OF VZ BIAS
TA = 25C
100 70 50 C, CAPACITANCE (pF) 30 20
TA = 25C 0 BIAS
1 V BIAS
1 VOLT BIAS 10 7 5 3 2 1 50% OF VZ BIAS
50
100
120
140
160
180
190
200
220
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
Figure 6a. Typical Capacitance 2.4-100 Volts
Figure 6b. Typical Capacitance 120-200 Volts
500 mW DO-35 Glass Data Sheet 6-4
Motorola TVS/Zener Device Data
GENERAL DATA -- 500 mW DO-35 GLASS
100 70 50 30 20 10 7 5 3 2 1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000 10% DUTY CYCLE 5% DUTY CYCLE
Ppk , PEAK SURGE POWER (WATTS)
11 V-91 V NONREPETITIVE 1.8 V-10 V NONREPETITIVE
RECTANGULAR WAVEFORM TJ = 25C PRIOR TO INITIAL PULSE
20% DUTY CYCLE
PW, PULSE WIDTH (ms)
Figure 7a. Maximum Surge Power 1.8-91 Volts
Ppk , PEAK SURGE POWER (WATTS)
ZZ , DYNAMIC IMPEDANCE (OHMS)
1000 700 500 300 200 100 70 50 30 20 10 7 5 3 2 1 0.01
1000 500 RECTANGULAR WAVEFORM, TJ = 25C 200 100 50 20 10 5 2 1 0.1 1 10 100 1000 0.1 0.2 0.5
VZ = 2.7 V 47 V 27 V
TJ = 25C iZ(rms) = 0.1 IZ(dc) f = 60 Hz
100-200 VOLTS NONREPETITIVE
6.2 V
1
2
5
10
20
50
100
PW, PULSE WIDTH (ms)
IZ, ZENER CURRENT (mA)
Figure 7b. Maximum Surge Power DO-204AH 100-200 Volts
Figure 8. Effect of Zener Current on Zener Impedance
ZZ , DYNAMIC IMPEDANCE (OHMS)
1000 700 500 200 100 70 50 20 10 7 5 2 1 1 2 3 5 7 10 IZ = 1 mA 5 mA 20 mA
I F , FORWARD CURRENT (mA)
TJ = 25C iZ(rms) = 0.1 IZ(dc) f = 60 Hz
1000 500 200 100 50 20 10 5 150C 2 1 75C
MAXIMUM MINIMUM
25C 0C
20
30
50
70 100
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VZ, ZENER VOLTAGE (VOLTS)
VF, FORWARD VOLTAGE (VOLTS)
Figure 9. Effect of Zener Voltage on Zener Impedance
Figure 10. Typical Forward Characteristics
Motorola TVS/Zener Device Data
500 mW DO-35 Glass Data Sheet 6-5
GENERAL DATA -- 500 mW DO-35 GLASS
20 10 TA = 25 I Z , ZENER CURRENT (mA)
1
0.1
0.01 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VZ, ZENER VOLTAGE (VOLTS)
Figure 11. Zener Voltage versus Zener Current -- VZ = 1 thru 16 Volts
10 TA = 25
I Z , ZENER CURRENT (mA)
1
0.1
0.01 15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VZ, ZENER VOLTAGE (VOLTS)
Figure 12. Zener Voltage versus Zener Current -- VZ = 15 thru 30 Volts
500 mW DO-35 Glass Data Sheet 6-6
Motorola TVS/Zener Device Data
GENERAL DATA -- 500 mW DO-35 GLASS
10
TA = 25
I Z , ZENER CURRENT (mA)
1
0.1
0.01 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 VZ, ZENER VOLTAGE (VOLTS)
Figure 13. Zener Voltage versus Zener Current -- VZ = 30 thru 105 Volts
10
I Z , ZENER CURRENT (mA)
1
0.1
0.01 110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
VZ, ZENER VOLTAGE (VOLTS)
Figure 14. Zener Voltage versus Zener Current -- VZ = 110 thru 220 Volts
Motorola TVS/Zener Device Data
500 mW DO-35 Glass Data Sheet 6-7
GENERAL DATA -- 500 mW DO-35 GLASS
Zener Voltage Regulator Diodes -- Axial Leaded
500 mW DO-35 Glass
B D F K
NOTES: 1. PACKAGE CONTOUR OPTIONAL WITHIN A AND B HEAT SLUGS, IF ANY, SHALL BE INCLUDED WITHIN THIS CYLINDER, BUT NOT SUBJECT TO THE MINIMUM LIMIT OF B. 2. LEAD DIAMETER NOT CONTROLLED IN ZONE F TO ALLOW FOR FLASH, LEAD FINISH BUILDUP AND MINOR IRREGULARITIES OTHER THAN HEAT SLUGS. 3. POLARITY DENOTED BY CATHODE BAND. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. MILLIMETERS MIN MAX 3.05 5.08 1.52 2.29 0.46 0.56 -- 1.27 25.40 38.10 INCHES MIN MAX 0.120 0.200 0.060 0.090 0.018 0.022 -- 0.050 1.000 1.500
A
DIM A B D F K
K
F
All JEDEC dimensions and notes apply.
CASE 299-02 DO-204AH GLASS
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
MULTIPLE PACKAGE QUANTITY (MPQ) REQUIREMENTS
Package Option Tape and Reel Tape and Ammo Type No. Suffix RL, RL2(1) TA, TA2(1) MPQ (Units) 5K 5K
NOTES: 1. The "2" suffix refers to 26 mm tape spacing. NOTES: 2. Radial Tape and Reel may be available. Please contact your Motorola NOTES: 2. representative.
Refer to Section 10 for more information on Packaging Specifications.
500 mW DO-35 Glass Data Sheet 6-8
Motorola TVS/Zener Device Data


▲Up To Search▲   

 
Price & Availability of 1N4678

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X